Part Number Hot Search : 
AT250 DPJCZFH DPJCZFH BUR51S CC416 SG7805A Z1SMA100 BAV199
Product Description
Full Text Search
 

To Download APT1608SRCPRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6X0.8mm SMD CHIP LED LAMP
P/N: APT1608SRCPRV
SUPER BRIGHT RED
Features
1.6mmX0.8mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. W IDE VIEW ING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAB3726 APPROVED: J. Lu
REV NO: V.8 CHECKED: Allen Liu
DATE: MAR/25/2006 DRAWN: H.Q.YUAN
PAGE: 1 OF 5 ERP: 1203005326
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APT1608SRCPRV SUPER BRIGHT RED (GaAlAs) WATER CLEAR 36 Typ. 100 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 100 30 155 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAB3726 APPROVED: J. Lu
REV NO: V.8 CHECKED: Allen Liu
DATE: MAR/25/2006 DRAWN: H.Q.YUAN
PAGE: 2 OF 5 ERP: 1203005326
Super Bright Red
APT1608SRCPRV
SPEC NO: DSAB3726 APPROVED: J. Lu
REV NO: V.8 CHECKED: Allen Liu
DATE: MAR/25/2006 DRAWN: H.Q.YUAN
PAGE: 3 OF 5 ERP: 1203005326
APT1608SRCPRV
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAB3726 APPROVED: J. Lu
REV NO: V.8 CHECKED: Allen Liu
DATE: MAR/25/2006 DRAWN: H.Q.YUAN
PAGE: 4 OF 5 ERP: 1203005326
PACKING & LABEL SPECIFICATIONS
APT1608SRCPRV
SPEC NO: DSAB3726 APPROVED: J. Lu
REV NO: V.8 CHECKED: Allen Liu
DATE: MAR/25/2006 DRAWN: H.Q.YUAN
PAGE: 5 OF 5 ERP: 1203005326


▲Up To Search▲   

 
Price & Availability of APT1608SRCPRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X